Part Number Hot Search : 
76L431 DT8210 GD10N MAX17067 50A15 1117EK 393D8T ST72324
Product Description
Full Text Search
 

To Download SIR26-21C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 1.6mm round Subminiature Infrared LED
SIR26-21C/L117/TR8
Features
Compatible with infrared and vapor phase reflow solder process. Small double-end package Peak wavelength p=875nm Package in 12mm tape on 7diameter reel. Pb free The product itself will remain within RoHS compliant version.
Descriptions
SIR26-21C/L117/TR8 is an infrared emitting diode in miniature SMD package which is molded in a water clear plastic with spherical top view lens. The device is spectrally matched with silicon photodiode and phototransistor
Applications
PCB mounted infrared sensor Infrared remote control units with high power requirement Gas Counter Infrared applied system
Device Selection Guide LED Part No.
SIR
Chip Material
GaAlAs
Lens Color
Water clear
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 1 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Absolute Maximum Ratings (Ta=25)
Parameter Continuous Forward Current Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature Symbol IF VR Topr Tstg Tsol Pd Rating 65 5 -25 ~ +85 -40 ~ +85 260 110 Units mA V mW
Notes: * Soldering time5 seconds.
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 2 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Electro-Optical Characteristics (Ta=25)
Parameter Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current Optical rise and fall time View Angle Symbol Ee p VF IR tr/tf 21/2 Condition IF=20mA IF=20mA IF=20mA IF=20mA VR=5V IF=100mA IF=20mA Min. 2.0 ------Typ. 4.5 875 42 1.3 -25 35 Max. ---1.7 10 35 -Units mW /sr nm nm V A ns deg
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 3 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs. Ambient Temperature Fig.2 Spectral Distribution
140 120 100 80 60 40 20
0
100 80 60 40 20
0
-25
0
20
40
60
80
100
815 835 855 875 895 915 935 955
975
Fig.3 Peak Emission Wavelength Ambient Temperature
Fig.4 Forward Current vs. Forward Voltage
920
4 10
900
3 10
875
2 10
860
1 10
840 -25
0
25
50
75
100
0
1
2
3
4
5
6
7
8
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 4 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs. Forward Current Fig.6 Relative Radiant Intensity vs. Angular Displacement
1000
Ie-Radiant Intensity(mW/sr)
-20
-10
0
10
20 30
100
1.0 40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6 0.9 0.8 0.7
10
0 10
0
10
1
10
2
10
3
10 4
IF-Forward Current (mA)
Fig.7 Relative Intensity vs. Ambient Temperature(C) Fig.8 Forward Current vs. Ambient Temperature(C)
6
Ie-Radiant Intensity (mW/sr)
1.4
4
IF=20mA
1.3
IF=20mA
2
1.2
0
25 50 75 100 120
1.1
25 50 75 100 120
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 5 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 The LEDs should be used within a year. 2.4 After opening the package, the LEDs should be kept at 30 or less and 70%RH or less. 2.5 The LEDs should be used within 168 hours (7 days) after opening the package. 2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 6 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 280 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 7 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 6Mins 22pcs 22pcs IRUx2 EeLx0.8 VFUx1.2 UUpper Specification Limit LLower Specification Limit Failure Judgement Criteria Ac/Re
1 REFLOW
TEMP.2605
0/1 0/1
5secs 2 Temperature Cycle H : 100 L : -40 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage
15mins 50Cycles 5mins 15mins 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
22pcs
0/1
TEMP.+100 TEMP.-40
22pcs 22pcs 22pcs 22pcs
0/1 0/1 0/1 0/1
6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 8 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Package Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Taping Dimensions
Note: The tolerances unless mentioned is 0.1mm ,Unit = mm
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 9 of 10
Prepared byJaine Tsai
SIR26-21C/L117/TR8
Packing Quantity Specification
1.1500Pcs/1Volume1Volume/1Bag 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
RoHS
SIR26-21C/L117/TR8
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDTS-262-157
http:\\www.everlight.com Prepared date07-20-2005
Rev 2
Page: 10 of 10
Prepared byJaine Tsai


▲Up To Search▲   

 
Price & Availability of SIR26-21C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X